PART |
Description |
Maker |
74LVC1284DB-T |
256K, 32K X 8, 1.8V SER EE IND, -40C to 85C, 8-TSSOP, T/R 4位总线收发
|
Kyocera, Corp.
|
AT28BV256-20SU AT28BV25609 |
200NS, SOIC, IND TEMP, GREEN(EEPROM) 32K X 8 EEPROM 3V, 200 ns, PDSO28 256K (32K x 8) Battery-Voltage Parallel EEPROMs
|
Atmel, Corp. ATMEL Corporation
|
IHB2EB1R0M IHB6BV6R8M IHB2BV121K IHB6BV123K IHB2BV |
General Fixed Inductor, 1 ELEMENT, 1 uH, GENERAL PURPOSE INDUCTOR, HALOGEN FREE AND ROHS COMPLIANT General Fixed Inductor, IND,WIREWOUND,6.8UH,20% TOL,20% -TOL General Fixed Inductor, IND,WIREWOUND,120UH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,12MH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,8.2UH,20% TOL,20% -TOL IND FLTR 33UH 20% 1KHZ 13.5A RDL - Bulk General Fixed Inductor, IND,WIREWOUND,390UH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,3.3UH,20% TOL,20% -TOL General Fixed Inductor, IND,WIREWOUND,8.2MH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,820UH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,1.2MH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,100UH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,22UH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,10MH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,18UH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,150UH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,1.5MH,10% TOL,10% -TOL
|
Vishay Dale
|
PUMA68S4000/I-45 PUMA68S4000/M-45 PUMA68S4000/AI-3 |
24MHZ, TQFP, IND TEMP, GREEN(MCU 5X) 33MHZ, PLCC, COM TEMP(MCU 5X) 8051 32K FLASH 4 TO 5.5V,PDIP,GREEN(MCU 5X) 24MHZ, PDIP, IND TEMP(MCU 5X) x32 SRAM Module 20MHZ, TSSOP, IND TEMP, 2.4-5.5V(MCU 5X) 24MHZ, TQFP, COM TEMP(MCU 5X) X32号的SRAM模块
|
L-com, Inc.
|
C2111 P2111 AM9111C/BVA AM91L11A/BVA AM91L11C/BVA |
Turbo 2 ultrafast high voltage rectifier 10MHZ, SOIC, IND TEMP, 1.8V(MCU AVR) 20MHZ, PDIP, IND TEMP, 5V(MCU AVR) 2MHz, NARROW SOIC, IND TEMP, GREEN,(MCU AVR) 10MHZ, PDIP, IND TEMP, 1.8V(MCU AVR) x4 SRAM x4的SRAM
|
Energizer Holdings, Inc.
|
AM7203-25DC AM7203-25JC AM7203-25PC AM7203-25RC AM |
x9 Asynchronous FIFO X9热卖异步FIFO 55NS, TSOP, IND TEMP(FLASH) X9热卖异步FIFO 70NS, VSOP,IND TEMP(FLASH) X9热卖异步FIFO 1M (64K X 16), 5V FLASH, COM TEMP(FLASH) X9热卖异步FIFO 55NS, PLCC, TOP BOOT, IND TEMP,GREEN PKG(FLASH) 90NS, TSOP, IND TEMP(FLASH) 70NS, TSOP, COM TEMP(FLASH) 55NS, VSOP, IND TEMP, GREEN(FLASH) 70NS, PLCC, IND TEMP(FLASH) 55NS, TSOP, IND TEMP, GREEN(FLASH) x9AsynchronousFIFO
|
Rochester Electronics, LLC Ecliptek, Corp.
|
X28HC16J-55 X28HC16SI-55 X28HC16J-90 X28HC16PI-70 |
90NS, 44 PLCC, IND TEMP(FLASH) x8 EEPROM 120NS, TSOP, COM TEMP(FLASH) 150NS, 44 TSOP, IND TEMP(FLASH) 90NS, TSOP, IND TEMP(FLASH) 70NS, TSOP, IND TEMP, GREEN(FLASH) x8的EEPROM
|
Electronic Theatre Controls, Inc.
|
CY7C09289 CY7C09289-9AI CY7C09289-9AC CY7C09389-9A |
32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 18 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 15 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 DIODE SCHOTTKY SINGLE 75V 200mW 0.45V-vf 150mA-IFM 10mA-IF 5uA-IR SOD-123 3K/REEL 32K X 18 DUAL-PORT SRAM, 18 ns, PQFP100 0.1UF 50V 10% 0805 X7R CERAMIC CAPACITOR 32K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 (CY7C09279 - CY7C09289) 32K/64K X 16/18 Synchronous Dual Port Static RAM True dual-ported memory cells which allow simultaneous access of the same memory location
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
L08053R9CEWTR L08051R2CEWTR L08053R3CEWTR L08052R7 |
IND 3.9UH 0.2UH THIN-FILM SMD-0805 TR-7 NI/SN-PB RF 1 ELEMENT, 0.0039 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD IND 1.2UH 0.2UH THIN-FILM SMD-0805 TR-7 NI/SN-PB RF 1 ELEMENT, 0.0012 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD IND 3.3UH 0.2UH THIN-FILM SMD-0805 TR-7 NI/SN-PB RF 1 ELEMENT, 0.0033 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD IND 2.7UH 0.2UH THIN-FILM SMD-0805 TR-7 NI/SN-PB RF 1 ELEMENT, 0.0027 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD IND 6.8UH 0.5UH THIN-FILM SMD-0805 TR-7 NI/SN-PB RF 1 ELEMENT, 0.0068 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD IND 2.7UH 0.5UH THIN-FILM SMD-0805 TR-7 NI/SN-PB RF 1 ELEMENT, 0.0027 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD IND 15.0UH 5% THIN-FILM SMD-0603 TR-7 NI/SN-PB RF 1 ELEMENT, 0.015 uH, GENERAL PURPOSE INDUCTOR, SMD IND 22.0UH 5% THIN-FILM SMD-0805 TR-7 NI/SN-PB RF INDUCTOR, 0805 CASE, 3.3NH; Inductor type:High Frequency / RF; Series:Accu-L; Inductance:3.3nH; Tolerance, inductance: /-15.15%; Resistance:0.11R; Current, DC max:1500mA; Frequency, resonant:10000MHz; Case style:0805; Q factor:38; RoHS Compliant: Yes IND 15.0UH 5% THIN-FILM SMD-0805 TR-7 NI/SN-PB RF
|
AVX, Corp. AVX CORP
|
HD6473042 HD6433042TF HD6433042VF HD6433042VTF HD6 |
IC TXRX CAN 24V LOW SPEED 16SOIC 32位微控制 IC SRL EE 32K 2.7V 8MAP IC SRL EE 32K 1.8V 8MAP IC SRL EE 32K 2.7V 8TSSOP ABSOLUTE MAXIMUM RATINGS
|
Renesas Electronics, Corp. List of Unclassifed Manufacturers
|
|